PART |
Description |
Maker |
AD7228ATQ3 AD7228AUQ AD7228 AD7228A AD7228ABR AD72 |
Octal, 8-Bit Voltage Out DAC OCTAL, PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, CDIP24 LC2MOS Octal 8-Bit DAC LC2MOS八进位DAC LC2MOS Octal 8-Bit DAC Mount Packages LC2MOS Octal 8-Bit DAC
|
ANALOG DEVICES INC Analog Devices, Inc.
|
MAX5839 MAX5839ACMH MAX5839AEMH MAX5839BCMH MAX583 |
Octal, 13-Bit Voltage-Output DAC with Parallel Interface Octal / 13-Bit Voltage-Output DAC with Parallel Interface LJT 7C 7#20 PIN PLUG PARALLEL, WORD INPUT LOADING, 22 us SETTLING TIME, 13-BIT DAC, PQFP44
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
74LCX373SJX 74LCX373MTC 74LCX373MTCXNL |
Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs LVC/LCX/Z SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20 Octal Buffers And Line Drivers With 3-State Outputs 20-SO -40 to 85
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|
5962-8866302LX 5962-88663023X 5962-88663013X |
Octal 8-Bit Voltage Out DAC
|
Analog Devices
|
74LVTH2245WMX 74LVT2245 74LVT2245MSA 74LVT2245MSAX |
8-Bit Identity/Magnitude Comparators 20-PDIP -40 to 85 Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25Series Resistors in the B Port Outputs Dual 4-to-1 Channel Analog Multiplexer/Demultiplexer with Injection Current Effect Control 16-TSSOP -40 to 85 Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25ヘ Series Resistors in the B Port Outputs Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25Ω Series Resistors in the B Port Outputs
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
28C17A-25/SO 28C17A-25/J 28C17A-25I/J 28C17A-25I/S |
5V, Low-Power, Voltage-Output, Serial 12-Bit DACs Octal, Serial, 8-Bit DAC with Output Buffers Dual, Serial Input, Voltage-Output, Multiplying, 12-Bit DAC 12-Bit DACs with 32-Channel Sample-and-Hold Outputs 128Kx8 EEPROM 128Kx8 EEPROM
|
Microchip Technology, Inc.
|
SPT5400SCP SPT5400 |
13-BIT / OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE 13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
|
FAIRCHILD[Fairchild Semiconductor]
|
AD7839 AD7839AS |
Octal 13-Bit, Parallel Input, Voltage-Output DAC
|
AD[Analog Devices]
|
AD7808BST AD7808BR AD7808BN AD7805BR |
High Efficiency Step-Down and Inverting DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 3.3 V to 5 V Quad/Octal 10-Bit DACs SERIAL INPUT LOADING, 1.5 us SETTLING TIME, 10-BIT DAC, PDSO24 3.3 V to 5 V Quad/Octal 10-Bit DACs SERIAL INPUT LOADING, 1.5 us SETTLING TIME, 10-BIT DAC, PDIP24 +3.3V to +5V Quad/Octal 10-Bit DACs
|
Analog Devices, Inc. ANALOG DEVICES INC
|
MAX5591AEUI MAX5590AEUG MAX5590BEUG |
Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs Buffered / Fast-Settling / Octal / 12/10/8-Bit / Voltage-Output DACs
|
MAXIM - Dallas Semiconductor
|
MAXIM MAX5264 MAX5264BCMH MAX5264ACMH |
"Octal, 14-Bit, Voltage-Output DAC with Parallel Interface for ATE" Octal, 14-Bit Voltage-Output DAC with Parallel Interface for ATE
|
MAX5264 MAXIM[Maxim Integrated Products]
|
AT28C040 AT28C040-20 AT28C040-20BC AT28C040-20BI A |
Octal Buffers/Drivers With 3-State Outputs 20-SSOP -40 to 85 512K X 8 EEPROM 5V, 200 ns, CDIP32 Octal Buffers/Drivers With 3-State Outputs 20-SO -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-TVSOP -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-SOIC -40 to 85 Low-Power, Dual Supply, Level Translating CompactFlash Interface With 16-Bit Data, 11-Bit Address 114-BGA MICROSTAR -40 to 85 4-Megabit 512K x 8 Paged E2PROM
|
Atmel Corp. ATMEL[ATMEL Corporation]
|